Part Number Hot Search : 
MOC3052 FQP6N50 SM5623NF 1605000 TS1872 30402 PA190 OZ964G
Product Description
Full Text Search
 

To Download SR3010-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sr305 thru sr3010 3 amp schottky barrier rectifier 50 to 100 volts do-201ad features low forward voltage drop andlow switching noise high current capability and high surge current capability dimensions inches mm dim min max min max note c .048 .052 1.20 1.30 d 1.000 --- 25.40 --- maximum ratings operating temperature: -5 5 c to +125 c storage temperature: -5 5 c to +15 0 c maximum thermal resistance; 30 c/w junction to ambient mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage sr305 --- 50v 35v 50v sr306 --- 60v 42v 60v sr308 --- 80v 56v 80v sr3010 --- 100v 70v 100v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 3.0a t a = 85 c peak forward surge current i fsm 80a 8.3ms, half sine maximum instantaneous forward voltage sr305-306 sr308-3010 v f .72v .85v i fm = 3.0a; t j = 25 c(note 2) maximum dc reverse current at rated dc blocking voltage i r 1.0ma 30ma t j = 25 c t j = 100 c typical junction capacitance c j 200pf measured at 1.0mhz, v r =4.0v 2.pulse test: pulse width 300 msec, duty cycle 1% a b c d d cathode mark www. mccsemi .com         
 omp onents 20736 marilla street chatsworth               !  " #   $
%         !   " #    mcc revision: b 2013 /01/01 tm micro commercial components a .287 .374 7.30 9.50 b .189 .208 4.80 5.30 1 of 3 notes:1.high temperature solder exemption applied, see eu directive annex 7. ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating ? halogen free available upon request by adding suffix "-hf" moisture sensitivity level 1
sr305 thru sr3010 average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 17550 75 100 125 0 1 2 3 single phase, half wave 60hz resistive or inductive load amps c 150 4 5 6 1 100 4 0 15 5 30 45 8 figure3 maximum non-repetitive forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 60 75 90 junction capacitance - pf versus figure 4 junction capacitance .1 .2 1 .4 2 10 20 4 0 4 100 200 10 20 6 10 200 100 pf volts 60 0 40 0 4 0 400 100 0 t j =25 c instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .2 .4 .6 .8 1.0 1.2 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c volts sr305-sr306 sr308-sr3010 www. mccsemi .com mcc revision: b 2013 /01/01 tm micro commercial components 2 of 3
mcc www.mccsemi .com revision: b 2013 /01/01 tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 1.2kpcs/reel part number-ap ammo packing: 1.2kpcs/ammo box part number-bp bulk: 12kpcs/carton ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of SR3010-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X